データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MIC3003 データシート(PDF) 25 Page - Micrel Semiconductor

部品番号 MIC3003
部品情報  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 データシート(HTML) 25 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 21Page - Micrel Semiconductor MIC3003 Datasheet HTML 22Page - Micrel Semiconductor MIC3003 Datasheet HTML 23Page - Micrel Semiconductor MIC3003 Datasheet HTML 24Page - Micrel Semiconductor MIC3003 Datasheet HTML 25Page - Micrel Semiconductor MIC3003 Datasheet HTML 26Page - Micrel Semiconductor MIC3003 Datasheet HTML 27Page - Micrel Semiconductor MIC3003 Datasheet HTML 28Page - Micrel Semiconductor MIC3003 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
25
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Figure 3. Internal Calibration RX Power Linear Approximation
C/ Reading the ADC Result Registers
The ADC result registers should be read as 16-bit
registers under internal calibration while under external
calibration they should be read as 8-bit or 16-bit
registers at the MSB address. For example, TX power
should be read under internal calibration as 16 bits at
address A2h: 66h–67h and under external calibration as
8 bits at address A2h: 66h. 9-bit temperature results and
12-bit receive power results should always be read as
16-bit quantities.
Reading the result registers using two-byte burst reads on
the SMBus guarantees that the two bytes are coherent
with each other—that is, they form a matched result pair.
If the two bytes were read separately, it is possible that
the internal result could be updated between the reads,
leading to an incorrect ADC result.
RXPOT
A
programmable,
non-volatile
digitally
controlled
potentiometer is provided for adjusting the gain of the
receive power measurement signal chain in the analog
domain. Five bits in the RXPOT register are used to set
and adjust the position of potentiometer. RXPOT
functions as a programmable divider or attenuator. It is
adjustable in steps from 1:1 (no divider action) down to
1/32 in steps of 1/32. If RXPOT is set to zero, then the
divider is bypassed completely. There will be no scaling
of the input signal, and the resistor network will be
disconnected from the VRX pin. At all other settings of
RXPOT, there will be a 32kΩ (typical) load seen on
VRX.
Figure 4. RXPOT Block Diagram
Laser Diode Bias Control
The MIC3003 can be configured to generate a constant
bias current using electrical feedback, or regulate
average transmitted optical power using a feedback
signal from a monitor photodiode, as shown in Figure 5.
An operational amplifier is used to control laser bias
current via the VBIAS output. The VBIAS pin can drive a
maximum of ±10mA. An external bipolar transistor
provides current gain. The polarity of the op amp’s
output is programmable with BIASREF (bit-5 in
OEMCFG1) in order to accommodate either NPN or
PNP transistors that drive common anode and common
cathode laser, respectively. Additionally, the polarity of
the feedback signal is programmable for use with either
common-emitter or emitter-follower transistor circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com