データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM68932DVKB データシート(PDF) 10 Page - Etron Technology, Inc.

部品番号 EM68932DVKB
部品情報  4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETRON [Etron Technology, Inc.]
ホームページ  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68932DVKB データシート(HTML) 10 Page - Etron Technology, Inc.

Back Button EM68932DVKB Datasheet HTML 6Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 7Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 8Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 9Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 10Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 11Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 12Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 13Page - Etron Technology, Inc. EM68932DVKB Datasheet HTML 14Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
EtronTech
EM68932DVKB
Etron Confidential
10
Rev. 1.0
Aug. 2009
TEMPERATURE COMPENSATED SELF REFRESH
In order to reduce power consumption, a Mobile DDR SDRAM includes the internal temperature sensor
and other circuitry to control Self Refresh operation automatically according to two temperature ranges:
max. 40
°C and max. 85°C
Table 7. IDD6 Specifications and Conditions
Self Refresh Current (IDD6)
Temperature Range
Full Array
1/2 of Full Array
1/4 of Full Array
Unit
Max. 40
°C
200
150
120
µA
Max. 85
°C
160
110
90
µA
PARTIAL ARRAY SELF REFRESH
For further power savings during Self Refresh, the PASR feature allows the controller to select the amount
of memory that will be refreshed during Self Refresh. The refresh options are all banks (banks 0, 1, 2 and
3); two banks (bank 0 and 1); and one bank (bank 0). Write and Read commands can still affect any bank
during standard operations, but only the selected banks will be refreshed during Self Refresh. Data in
unselected banks will be lost.
Bank Activation / Row Address Command
The Bank Activation / Row Address command, also called the Active command, is issued by holding CAS
and WE High with CS and RAS Low at the rising edge of the clock (CK). The DDR SDRAM has four
independent banks, so two Bank Select Addresses (BA0, BA1) are required. The Active command must be
applied before any read or write operation is executed. The delay from the Active command to the first
Read or Write command must meet or exceed the minimum of RAS to CAS delay time (tRCD min). Once a
bank has been activated, it must be precharged before another Active command can be applied to the
same bank. The minimum time interval between interspersed Active commands (Bank 0 to Bank 3, for
example) is the bank to bank delay time (tRRD min).
Burst Read Operation
Burst Read operation in a DDR SDRAM is initiated by asserting CS and RAS Low while holding RAS and
WE High at the rising edge of the clock (CK) after tRCD from the Active command. The address inputs
(A0~A7) determine the starting address for the Burst. The Mode Register sets the type of burst (Sequential
or Interleaved) and the burst length (2, 4, or 8). The first output data is available after the CAS Latency
from the Read command, and the consecutive data bits are presented on the falling and rising edges of
Data Strobe (DQS) as supplied by the DDR SDRAM until the burst is completed.
Burst Write Operation
The Burst Write command is issued by having CS , CAS and WE Low while holding RAS High at the
rising edge of the clock (CK). The address inputs determine the starting column address. There is no write
latency relative to DQS required for the Burst Write cycle. The first data for a Burst Write cycle must be
applied at the first rising edge of the data strobe enabled after tDQSS from the rising edge of the clock when
the Write command was issued. The remaining data inputs must be supplied on each subsequent falling
and rising edge of Data Strobe until the burst length is completed. After the burst has finished, any
additional data supplied to the DQ pins will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com