| データシートサーチシステム |
|
EM68932DVKB データシート(PDF) 28 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB データシート(HTML) 28 Page - Etron Technology, Inc. |
|
28 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 28 Rev. 1.0 Aug. 2009 Figure 19. Read to Write CL = 2 Don’t Care READ BST NOP WRITE NOP NOP BA, Col n BA, Col b DQS DQ CK CK (1) DO n = Data Out from column n; DI b = Data In to column b (2) Burst length = 4, 8 in the cases shown; if the burst length is 2, the BST command can be ommitted (3) Shown with nominal tAC, tDQSCK and tDQSQ DO n tDQSS DM CL = 3 READ BST NOP NOP WRITE NOP BA, Col n BA, Col b DQS DQ DO n DM Command Address Command Address |