| データシートサーチシステム |
|
EM68932DVKB データシート(PDF) 32 Page - Etron Technology, Inc. |
|
|
|||||||||||||||||||||||||||||
EM68932DVKB データシート(HTML) 32 Page - Etron Technology, Inc. |
|
32 / 40 page ![]() EtronTech EM68932DVKB Etron Confidential 32 Rev. 1.0 Aug. 2009 Figure 24. Write Burst (min. and max. tDQSS) Don’t Care WRITE NOP NOP NOP NOP NOP BA, Col b DQS DQ CK CK (1) DI b = Data In to column b. (2) 3 subsequent elements of Data In are applied in the programmed order following DI b. (3) A non-interrupted burst of 4 is shown. (4) A10 is LOW with the WRITE command (Auto Precharge is disabled) DM tDQSS min Command Address DQS DQ DM tDQSS max |