| データシートサーチシステム |
|
MAXQ3183-RAN+ データシート(PDF) 87 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3183-RAN+ データシート(HTML) 87 Page - Maxim Integrated Products |
|
87 / 102 page ![]() Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect ______________________________________________________________________________________ 87 Phase-Angle Compensation Phase Offset Current Threshold 1 (I1THR) (0x05C) This register specifies the fraction of full-scale current that causes the MAXQ3183 to switch from PA0 to PA1 to pro- vide phase-angle compensation. For more information, see the PA0, PA1, and PA2 register descriptions. The full- scale current is represented by 0x10000. Phase Offset Current Threshold 2 (I2THR) (0x05E) This register specifies the fraction of full-scale current that causes the MAXQ3183 to switch from PA1 to PA2 to pro- vide phase-angle compensation. For more information, see the PA0, PA1, and PA2 register descriptions. The full- scale current is represented by 0x10000. Miscellaneous Gain Neutral Current Gain (N.I_GAIN) (0x12E) This register contains gain compensation coefficient for the neutral current channel measurement. The raw values are taken from the selected measurement quantity and scaled by N.I_GAIN/214. Bit: 15 14 13 12 11 10 9 8 Name: Phase Accumulator Current Threshold 1 High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Phase Accumulator Current Threshold 1 Low Byte Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: Phase Accumulator Current Threshold 2 High Byte Reset: 0x00 Bit: 7 6 5 4 3 2 1 0 Name: Phase Accumulator Current Threshold 2 Low Byte Reset: 0x00 Bit: 15 14 13 12 11 10 9 8 Name: Compensation Coefficient High Byte Reset: 0x40 Bit: 7 6 5 4 3 2 1 0 Name: Compensation Coefficient Low Byte Reset: 0x00 |