| データシートサーチシステム |
|
MAXQ3183-RAN+ データシート(PDF) 44 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3183-RAN+ データシート(HTML) 44 Page - Maxim Integrated Products |
|
44 / 102 page ![]() Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect 44 ______________________________________________________________________________________ RMS Current, Phase X = A/B/C (X.IRMS) (A: 0x1CC, B: 0x2B8, C: 0x3A4) This register provides the raw RMS current over the most recent DSP cycle, LSB = IFS/224. Energy, Real Positive, Phase X = A/B/C (X.EAPOS) (A: 0x1E8, B: 0x2D4, C: 0x3C0) On every DSP cycle, the contents of the X.ACT register are tested, and, if positive, are added to this register. When this register overflows, the APOV bit in the X.EOVER register is set. Bit: 31 30 29 28 27 26 25 24 Name: RMS Current Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: RMS Current Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: RMS Current Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: RMS Current Byte 0 Bit: 31 30 29 28 27 26 25 24 Name: Real Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Real Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Real Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Real Energy Byte 0 |