| データシートサーチシステム |
|
MPC5634M データシート(PDF) 44 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634M データシート(HTML) 44 Page - Freescale Semiconductor, Inc |
|
44 / 118 page ![]() eTPU_A[11] eTPU_A[23] GPIO[125] eTPU_A Ch. eTPU_A Ch. GPIO PCR[125] 01 10 00 I/O O I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 39 48 L2 eTPU_A[12] DSPI_B_PCS[1] GPIO[126] eTPU_A Ch. DSPI_B Periph Chip Select GPIO PCR[126] 01 10 00 I/O O I/O VDDEH1b Medium - / WKPCFG - / WKPCFG 38 47 L1 eTPU_A[13] DSPI_B_PCS[3] GPIO[127] eTPU_A Ch. DSPI_B Periph Chip Select GPIO PCR[127] 01 10 00 I/O O I/O VDDEH1b Medium - / WKPCFG - / WKPCFG 37 46 J4 eTPU_A[14] DSPI_B_PCS[4] eTPU_A[9] GPIO[128] eTPU_A Ch. DSPI_B Periph Chip Select eTPU_A Ch. GPIO PCR[128] 001 010 100 000 I/O O O I/O VDDEH1b Medium - / WKPCFG - / WKPCFG 35 42 J3 eTPU_A[15] DSPI_B_PCS[5] GPIO[129] eTPU_A Ch. DSPI_B Periph Chip Select GPIO PCR[129] 01 10 00 I/O O I/O VDDEH1b Medium - / WKPCFG - / WKPCFG 33 40 K2 eTPU_A[16] GPIO[130] eTPU_A Ch. GPIO PCR[130] 01 00 I/O I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 32 39 K1 eTPU_A[17] GPIO[131] eTPU_A Ch. GPIO PCR[131] 01 00 I/O I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 31 38 H3 eTPU_A[18] GPIO[132] eTPU_A Ch. GPIO PCR[132] 01 00 I/O I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 30 37 H4 eTPU_A[19] GPIO[133] eTPU_A Ch. GPIO PCR[133] 01 00 I/O I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 29 36 J2 eTPU_A[20] IRQ[8] GPIO[134] eTPU_A Ch. External Interrupt Request GPIO PCR[134] 01 10 00 I/O I I/O VDDEH1b Slow - / WKPCFG - / WKPCFG 28 35 J1 eTPU_A[21] IRQ[9] GPIO[135] eTPU_A Ch. External Interrupt Request GPIO PCR[135] 01 10 00 I/O I I/O VDDEH1a Slow - / WKPCFG - / WKPCFG 27 34 G4 Table 3. MPC563xM signal properties (continued) Name Function1 Pad Config. Register (PCR)2 PCR PA Field3 I/O Type Voltage4 / Pad Type Reset State5 Function / State After Reset6 Pin No. 144 LQFP 176 LQFP 208 MAPBGA Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages |