データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B43890 データシート(PDF) 2 Page - EPCOS

部品番号 B43890
部品情報  Aluminum electrolytic capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B43890 データシート(HTML) 2 Page - EPCOS

  B43890 Datasheet HTML 1Page - EPCOS B43890 Datasheet HTML 2Page - EPCOS B43890 Datasheet HTML 3Page - EPCOS B43890 Datasheet HTML 4Page - EPCOS B43890 Datasheet HTML 5Page - EPCOS B43890 Datasheet HTML 6Page - EPCOS B43890 Datasheet HTML 7Page - EPCOS B43890 Datasheet HTML 8Page - EPCOS B43890 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Long-life grade capacitors
Applications
Professional electronic ballasts
Power supplies
Energy-saving lamps
Features
Compact dimensions
High ripple current capability at high frequency
Extra long useful life (12000 to 15000 h/105
°C)
RoHS-compatible
Construction
Radial leads
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Minus pole marking on the insulating sleeve
Stand-off rubber seal
Case with safety vent
Delivery mode
Terminal configurations and packing:
Bulk
Taped, Ammo pack
Cut
Kinked
PAPR (protection against polarity reversal):
crimped leads, J leads, bent leads
Refer to chapter "Single-ended capacitors
Taping, packing
and lead configurations" for further details and ordering
example.
Single-ended capacitors
B43890
Extended useful life
105
°C
Page 2 of 26
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26