| データシートサーチシステム |
|
M24LR64-R-MB6T/2 データシート(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R-MB6T/2 データシート(HTML) 55 Page - STMicroelectronics |
|
55 / 126 page ![]() M24LR64-R Application family identifier (AFI) Doc ID 15170 Rev 8 55/126 14 Application family identifier (AFI) The AFI (application family identifier) represents the type of application targeted by the VCD and is used to identify, among all the M24LR64-Rs present, only the M24LR64-Rs that meet the required application criteria. Figure 47. M24LR64-R decision tree for AFI The AFI is programmed by the M24LR64-R issuer (or purchaser) in the AFI register. Once programmed and Locked, it can no longer be modified. The most significant nibble of the AFI is used to code one specific or all application families. The least significant nibble of the AFI is used to code one specific or all application subfamilies. Subfamily codes different from 0 are proprietary. (See ISO 15693-3 documentation) AI15130 Inventory request received No No answer Yes No AFI value = 0 ? Yes No AFI flag set ? Yes Answer given by the M24RF64 to the Inventory request AFI value = Internal value ? |