データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24LR64-R-MB6T/2 データシート(PDF) 65 Page - STMicroelectronics

部品番号 M24LR64-R-MB6T/2
部品情報  64 Kbit EEPROM with password protection & dual interface: 400kHz I짼C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R-MB6T/2 データシート(HTML) 65 Page - STMicroelectronics

Back Button M24LR64-R-MB6T/2 Datasheet HTML 61Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 62Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 63Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 64Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 65Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 66Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 67Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 68Page - STMicroelectronics M24LR64-R-MB6T/2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
M24LR64-R
Response format
Doc ID 15170 Rev 8
65/126
20.2
Response error code
If the Error_flag is set by the M24LR64-R in the response, the Error code field is present and
provides information about the error that occurred.
Error codes not specified in Table 29 are reserved for future use.
Table 29.
Response error code definition
Error code
Meaning
02h
The command is not recognized, for example a format error occurred
03h
The option is not supported
0Fh
Error with no information given
10h
The specified block is not available
11h
The specified block is already locked and thus cannot be locked again
12h
The specified block is locked and its contents cannot be changed.
13h
The specified block was not successfully programmed
14h
The specified block was not successfully locked
15h
The specified block is read-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More