| データシートサーチシステム |
|
M24LR64-R-MB6T/2 データシート(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24LR64-R-MB6T/2 データシート(HTML) 64 Page - STMicroelectronics |
|
64 / 126 page ![]() Response format M24LR64-R 64/126 Doc ID 15170 Rev 8 20 Response format The response consists of: ● an SOF ● flags ● parameters and data ● a CRC ● an EOF 20.1 Response flags In a response, the flags indicate how actions have been performed by the M24LR64-R and whether corresponding fields are present or not. The response flags consist of eight bits. Table 27. General response format S O F Response_flags Parameters Data CRC E O F Table 28. Definitions of response flags 1 to 8 Bit No Flag Level Description Bit 1 Error_flag 0 No error 1 Error detected. Error code is in the "Error" field. Bit 2 RFU 0 Bit 3 RFU 0 Bit 4 Extension flag 0 No extension Bit 5 RFU 0 Bit 6 RFU 0 Bit 7 RFU 0 Bit 8 RFU 0 |