| データシートサーチシステム |
|
SPC5705CECLLR データシート(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5705CECLLR データシート(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 92 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 21 3.6.3 I/O output DC characteristics The following tables provide DC characteristics for bidirectional pads: • Table 13 provides weak pull figures. Both pull-up and pull-down resistances are supported. • Table 15 provides output driver characteristics for I/O pads when in SLOW configuration. • Table 16 provides output driver characteristics for I/O pads when in MEDIUM configuration. • Table 14 provides output driver characteristics for I/O pads when in FAST configuration. Table 13. I/O pull-up/pull-down DC electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Value Unit Min Typ Max |IWPU| CC P Weak pull-up current absolute value VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA CPAD3V5V = 12 2 The configuration PAD3V5 = 1 when V DD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 10 — 250 PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 |IWPD| CC P Weak pull-down current absolute value VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA CPAD3V5V = 1 10 — 250 PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 |