| データシートサーチシステム |
|
SPC5705CECLLR データシート(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5705CECLLR データシート(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 92 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice General description Freescale Semiconductor 4 1.1 Block diagram Figure 1 shows a top-level block diagram of the MPC5607B. I2C1 32 kHz oscillator Yes GPIO11 77 121 149 121 149 149 Debug JTAG N2+ 1 Feature set dependent on selected peripheral multiplexing; table shows example. 2 208 MAPBGA package is for debug use only. 3 Based on 105 °C ambient operating temperature. 4 Not shared with 12-bit ADC, but possibly shared with other alternate functions. 5 Not shared with 10-bit ADC, but possibly shared with other alternate functions. 6 Refer to eMIOS section of device reference manual for information on the channel configuration and functions. 7 Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output Compare. 8 Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output Compare. 9 Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and Pulse width measurement. 10 Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare. 11 Maximum I/O count based on multiplexing with peripherals. Table 1. MPC5607B Family Comparison1 (continued) Feature MPC5605B MPC5606B MPC5607B |