| データシートサーチシステム |
|
SPC5705CECLLR データシート(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5705CECLLR データシート(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 92 page ![]() General description MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 5 Figure 1. MPC5607B block diagram 6 x DSPI FMPLL Nexus 2+ Nexus RAM SIUL Reset Control 96 KB External IMUX GPIO & JTAG Pad Control JTAG Port Nexus Port e200z0h Interrupt requests 6 x FlexCAN Peripheral Bridge Interrupt Request Interrupt Request I/O Clocks Instructions Data Voltage Regulator NMI SWT PIT STM NMI SIUL . . . INTC I2C . . . 10 x LINFlex 64 ch 29 ch 10-bit CMU SRAM Flash Code Flash 1.5 MB DataFlash 64 KB MC_PCU MC_ME MC_CGM MC_RGM BAM CTU RTC SSCM (Master) (Master) (Slave) (Slave) (Slave) Controller Controller Legend: ADC Analog-to-Digital Converter BAM Boot Assist Module CAN Controller Area Network (FlexCAN) CMU Clock Monitor Unit CTU Cross Triggering Unit DSPI Deserial Serial Peripheral Interface eMIOS Enhanced Modular Input Output System FMPLL Frequency-Modulated Phase-Locked Loop I2C Inter-integrated Circuit Bus IMUX Internal Multiplexer INTC Interrupt Controller JTAG JTAG controller LINFlex Serial Communication Interface (LIN support) MC_CGM Clock Generation Module MC_ME Mode Entry Module MPU Memory Protection Unit Nexus NexuS Development Interface (NDI) Level NMI Non-Maskable Interrupt MC_PCU Power Control Unit MC_RGM Reset Generation Module PIT Periodic Interrupt Timer RTC Real-Time Clock SIUL System Integration Unit Lite SRAM Static Random-Access Memory SSCM System Status Configuration Module STM System Timer Module SWT Software Watchdog Timer MPU ECSM from peripheral Registers blocks ADC eMIOS eDMA 19 ch 10bit/12bit ADC (Master) . . . . . . . . . WKPU |