| データシートサーチシステム |
|
SS6383BCSTR データシート(PDF) 2 Page - Silicon Standard Corp. |
|
|
|||||||||||||||||||||||||||||
SS6383BCSTR データシート(HTML) 2 Page - Silicon Standard Corp. |
|
2 / 8 page ![]() www.SiliconStandard.com 2 of 8 SS6383B(G) 11/07/2004 Rev.2.01 ORDERING INFORMATION PIN CONFIGURATION Example: SS6383BGE5TR in TO-252-5 package, with Pb-free lead finish, shipped on tape and reel SS6383BXXX XX Packing TR: Tape and reel Package type CM5: TO-263-5, commercial CE5 : TO-252-5, commercial CS : SO-8, commercial TO-263-5 FRONT VIEW 1: VIN 2: GND 3. VCNTL 4. VREF 5: VOUT TO-252-5 TOP VIEW 1: VIN 2: GND 3. VCNTL 4. VREF 5: VOUT 1 2 3 4 5 1 2 3 4 5 SO-8 TOP VIEW VCNTL VCNTL VCNTL VCNTL VREF GND VOUT VIN 1 3 4 2 8 6 5 7 ABSOLUTE MAXIMUM RATINGS Supply Voltage -0.4V to 7V Operating Temperature Range -40 °C~85°C Storage Temperature Range -65 °C ~150°C Lead Temperature (Solder, 10sec) 260 °C Thermal Resistance θ JC TO-263 3 °C /W TO-252 12.5 °C /W SO-8 40 °C /W Thermal Resistance θ JA TO-263 60 °C /W (Assume no ambient airflow, no heatsink) TO-252 100 °C /W SO-8 160 °C /W GM5 : TO-263-5, commercial, Pb-free GE5 : TO-252-5, commercial, Pb-free GS : SO-8, commercial, Pb-free Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. |