データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS6383BCSTR データシート(PDF) 6 Page - Silicon Standard Corp.

部品番号 SS6383BCSTR
部品情報  3A DDR Termination Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSC [Silicon Standard Corp.]
ホームページ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6383BCSTR データシート(HTML) 6 Page - Silicon Standard Corp.

  SS6383BCSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6383BCSTR Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.SiliconStandard.com
6 of 8
SS6383B(G)
11/07/2004 Rev.2.01
PIN DESCRIPTIONS (Pin numbers refer to TO-252/263)
PIN 1:
VIN
- Input supply pin. It provides
main
power
to
create
the
external reference voltage by
divider resistors for regulating
VREF and VOUT.
PIN 2:
GND
- Ground pin.
PIN 3:
VCNTL - Input supply pin. It is used to
supply all the internal control
circuitry.
PIN 4:
VREF - Reference voltage input. Pull
this pin low to shutdown device.
PIN 5:
VOUT - Output pin.
APPLICATION INFORMATION
Layout Consideration
As the SS6383B is in either SO-8, TO-252-5 or
TO-263-5 packages, it is unable to dissipate heat
easily when it operates at high current. To avoid
exceeding the maximum junction temperature,
a suitable copper area must be used.
The large copper area shown at VCNTL pins is
able to relieve the thermal dissipation. Using the
via to direct heat into the large copper area shown
on the bottom layer also helps significantly.
All capacitors should be placed as close as
possible to the relevant pins.
Fig. 9 Top layer for SO-8
Fig. 10 Bottom layer for SO-8
Fig. 11 Placement for SO-8



Html Pages

1 2 3 4 5 6 7 8