| データシートサーチシステム |
|
X24026 データシート(PDF) 10 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24026 データシート(HTML) 10 Page - Xicor Inc. |
|
10 / 15 page ![]() X24026 10 A.C. CONDITIONS OF TEST 7020 PGM T05 EQUIVALENT A.C. LOAD CIRCUIT Input Pulse Levels VCC x 0.1 to VCC x 0.9 Input Rise and Fall Times 10 ns Input and Output Timing Levels VCC x 0.5 7020 FRM 13 1533 Ω OUTPUT 100pF 5.0V A.C. CHARACTERISTICS (Over recommended operating conditions) DATA INPUT TIMING 7020 FRM T06 Bus Timing POWER-UP TIMING 7020 FRM T07 Notes: (4) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters are periodically sampled and not 100% tested. Symbol Parameter Min. Max. Units fSCL SCL Clock Frequency 0 100 KHz TI Noise Suppression Time Constant at SCL, SDA Inputs 100 ns tAA SCL Low to SDA Data Out Valid 0.3 3.5 µs tBUF Time the Bus Must Be Free Before a New Transmission Can Start 4.7 µs tHD:STA Start Condition Hold Time 4.0 µs tLOW Clock Low Period 4.7 µs tHIGH Clock High Period 4.0 µs tSU:STA Start Condition Setup Time 4.7 µs tHD:DAT Data In Hold Time 0 µs tSU:DAT Data In Setup Time 250 ns tR SDA and SCL Rise Time 1 µs tF SDA and SCL Fall Time 300 ns tSU:STO Stop Condition Setup Time 4.7 µs tDH Data Out Hold Time 300 ns Symbol Parameter Max. Units tPUR(4) Power-up to Read Operation 1 ms tPUW(4) Power-up to Write Operation 5 ms 7020 FRM 14 tSU:STA tHD:STA tHD:DAT tSU:DAT tLOW tSU:STO tR tBUF SCL SDA IN SDA OUT tDH tAA tF tHIGH |