| データシートサーチシステム |
|
TMS320C6720RFP300 データシート(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 データシート(HTML) 67 Page - Texas Instruments |
|
67 / 118 page ![]() UHPI_HCS UHPI_HAS UHPI_HRW UHPI_HHWIL HSTROBE(A) UHPI_HD[15:0] UHPI_HRDY 2 3 1 37 9 10 14 2 38 12 11 12 11 12 11 13 7 6 1 3 13 37 9 10 36 UHPI_HCNTL[1:0] 12 11 12 11 12 11 TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 A. See Figure 4-14. B. Depending on the type of write or read operation (HPID without auto-incrementing, HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on UHPI_HRDY may or may not occur. Figure 4-22. Multiplexed Read Timings Using UHPI_HAS Submit Documentation Feedback Peripheral and Electrical Specifications 67 |