| データシートサーチシステム |
|
TMS320C6720RFP300 データシート(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 データシート(HTML) 81 Page - Texas Instruments |
|
81 / 118 page ![]() 15 14 13 13 13 13 13 13 13 12 12 11 10 10 9 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 AHCLKR/X (Falling Edge Polarity) AHCLKR/X (Rising Edge Polarity) AFSR/X (Bit Width, 0 Bit Delay) AFSR/X (Bit Width, 1 Bit Delay) AFSR/X (Bit Width, 2 Bit Delay) AFSR/X (Slot Width, 0 Bit Delay) AFSR/X (Slot Width, 1 Bit Delay) AFSR/X (Slot Width, 2 Bit Delay) AXR[n] (Data Out/Transmit) ACLKR/X (CLKRP = CLKXP = 0)(B) ACLKR/X (CLKRP = CLKXP = 1)(A) TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 A. For CLKRP = CLKXP = 1, the McASP transmitter is configured for falling edge (to shift data out) and the McASP receiver is configured for rising edge (to shift data in). B. For CLKRP = CLKXP = 0, the McASP transmitter is configured for rising edge (to shift data out) and the McASP receiver is configured for falling edge (to shift data in). Figure 4-30. McASP Output Timings Submit Documentation Feedback Peripheral and Electrical Specifications 81 |