| データシートサーチシステム |
|
TMS320C6720RFP300 データシート(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6720RFP300 データシート(HTML) 90 Page - Texas Instruments |
|
90 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 www.ti.com Table 4-34. Additional(1) SPI Slave Timings, 5-Pin Option(2)(3) NO. MIN MAX UNIT Required delay from SPIx_SCS asserted at slave to first 25 td(SCSL_SPC)S P ns SPIx_CLK edge at slave. Polarity = 0, Phase = 0, 0.5tc(SPC)M + P + 10 from SPIx_CLK falling Polarity = 0, Phase = 1, P + 10 Required delay from final from SPIx_CLK falling 26 td(SPC_SCSH)S SPIx_CLK edge before ns Polarity = 1, Phase = 0, SPIx_SCS is deasserted. 0.5tc(SPC)M + P + 10 from SPIx_CLK rising Polarity = 1, Phase = 1, P + 10 from SPIx_CLK rising Delay from master asserting SPIx_SCS to slave driving 27 tena(SCSL_SOMI)S P + 15 ns SPIx_SOMI valid Delay from master deasserting SPIx_SCS to slave 3-stating 28 tdis(SCSH_SOMI)S P + 15 ns SPIx_SOMI Delay from master deasserting SPIx_SCS to slave driving 29 tena(SCSL_ENA)S 15 ns SPIx_ENA valid Polarity = 0, Phase = 0, 2P + 15 from SPIx_CLK falling Polarity = 0, Phase = 1, Delay from final clock receive 2P + 15 from SPIx_CLK rising edge on SPIx_CLK to slave 30 tdis(SPC_ENA)S ns 3-stating or driving high Polarity = 1, Phase = 0, 2P + 15 SPIx_ENA.(4) from SPIx_CLK rising Polarity = 1, Phase = 1, 2P + 15 from SPIx_CLK falling (1) These parameters are in addition to the general timings for SPI slave modes (Table 4-28). (2) P = SYSCLK2 period (3) Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes. (4) SPIx_ENA is driven low after the transmission completes if the SPIINT0.ENABLE_HIGHZ bit is programmed to 0. Otherwise it is 3-stated. If 3-stated, an external pullup resistor should be used to provide a valid level to the master. This option is useful when tying several SPI slave devices to a single master. 90 Peripheral and Electrical Specifications Submit Documentation Feedback |