| データシートサーチシステム |
|
CS4294/CS4298 データシート(PDF) 15 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4294/CS4298 データシート(HTML) 15 Page - Cirrus Logic |
|
15 / 66 page ![]() CS4202 DS549PP2 15 3. AC-LINK FRAME DEFINITION The AC-link is a bi-directional serial port with data organized into frames consisting of one 16-bit and twelve 20-bit time-division multiplexed slots. Slot 0 is a special reserved time slot containing 16-bits which are used for AC-link protocol infra- structure. Slots 1 through 12 contain audio or con- trol/status data. Both the serial data output and input frames are defined from the controller per- spective, not from the CS4202 perspective. The controller synchronizes the beginning of a frame with the assertion of the SYNC signal. Figure 9 shows the position of each bit location within the frame. The first bit position in a new se- rial data frame is F0 and the last bit position in the serial data frame is F255. When SYNC goes active (high) and is sampled active by the CS4202 (on the falling edge of BIT_CLK), both devices are syn- chronized to a new serial data frame. The data on the SDATA_OUT pin at this clock edge is the final bit of the previous frame’s serial data. On the next rising edge of BIT_CLK, the first bit of Slot 0 is driven by the controller on the SDATA_OUT pin. On the next falling edge of BIT_CLK, the CS4202 latches this data in as the first bit of the frame. 20.8 µs (48 kHz) Tag Phase Data Phase 12.288 MHz 81.4 ns SYNC BIT_CLK SDATA_OUT SDATA_IN F0 F1 F2 F16 F15 F14 F13 F12 F35 F56 F76 D19 F255 Valid Frame Slot 1 Valid 0 R/W 0 WD15 F36 F57 D19 D18 D19 D19 D18 D19 RD15 0 0 0 0 F0 F1 F2 F16 F15 F14 F13 F12 F35 F56 F76 F255 F36 F57 F255 F255 0 0 GPIO INT F96 F96 D19 Slot 0 Slot 1 Slot 2 Slot 3 Slot 4 Slots 5-12 Slot 2 Valid Slot 1 Valid Slot 2 Valid Codec Ready 0 Slot 12 Valid Codec ID1 Codec ID0 Slot 12 Valid GPIO INT Bit Frame Position: Bit Frame Position: Figure 9. AC-link Input and Output Framing |