| データシートサーチシステム |
|
PCF2127AT/1 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT/1 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 80 page ![]() PCF2127A_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 7 May 2010 16 of 80 NXP Semiconductors PCF2127A Integrated RTC, TCXO and quartz crystal 8.5.5 Operation examples 8.5.5.1 Writing to the RAM 1. Set RAM address: – Select register RAM_addr_MSB (send address 1Ah). – Set value for bit RA8 (data byte of register 1Ah). Note: register address will be incremented automatically to 1Bh. – Set value for array RA[7:0] (data byte of register 1Bh). 2. Send RAM write command: – Select register RAM_wrt_cmd (send address 1Ch). 3. Write data into the RAM: – Write n data byte into RAM. For details see Figure 44 on page 60. 8.5.5.2 Reading from the RAM 1. Set RAM address: – Select register RAM_addr_MSB (send address 1Ah). – Set value for bit RA8 (data byte of register 1Ah). Note: register address will be incremented automatically to 1Bh. – Set value for array RA[7:0] (data byte of register 1Bh). 2. Send RAM read command: – Select register RAM_rd_cmd (send address 1Dh). 3. Read from the RAM: – Read n data byte from the RAM. For details see Figure 45 on page 61. |