| データシートサーチシステム |
|
PCF2127AT/1 データシート(PDF) 47 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT/1 データシート(HTML) 47 Page - NXP Semiconductors |
|
47 / 80 page ![]() PCF2127A_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 7 May 2010 47 of 80 NXP Semiconductors PCF2127A Integrated RTC, TCXO and quartz crystal The pulse generator for the minute/second interrupt operates from an internal 64 Hz clock and generates a pulse of 1 ⁄ 64 seconds in duration. 8.13.2 Countdown timer interrupts The generation of interrupts from the countdown timer is controlled via the CDTIE bit (register Control_2). The interrupt may be generated as a pulsed signal at every countdown period or as a permanently active signal which follows the status of the countdown timer flag CDTF. Bit TI_TP is used to control this bit. In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt. Fig 26. INT example for SI and MI when TI_TP is logic 1 In this example, bit TI_TP is logic 0 and the MSF flag is cleared after an interrupt. Fig 27. INT example for SI and MI when TI_TP is logic 0 001aaf905 58 59 59 00 11 seconds counter minutes counter INT when SI enabled MSF when SI enabled INT when only MI enabled MSF when only MI enabled 12 00 01 001aag072 58 seconds counter minutes counter INT when SI enable MSF when SI enable INT when only MI enabled MSF when only MI enabled 59 59 11 00 00 01 12 |