| データシートサーチシステム |
|
PCF2127AT/1 データシート(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT/1 データシート(HTML) 45 Page - NXP Semiconductors |
|
45 / 80 page ![]() PCF2127A_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 7 May 2010 45 of 80 NXP Semiconductors PCF2127A Integrated RTC, TCXO and quartz crystal 8.13 Interrupt output, INT PCF2127A has an interrupt output pin INT which is open-drain, active LOW. Interrupts may be sourced from different places: • second or minute timer • countdown timer When SI, MI, CDTIE, WD_CD, AIE, TSIE, BIE, BLIE are all disabled, INT will remain high-impedance. Fig 25. Interrupt block diagram BLF: BATTERY LOW FLAG SET set battery low flag, BLF to interface: read BLF BLIE 001aag070 from battery low detection circuit: clear BF CLEAR BF: BATTERY FLAG SET set battery flag, BF to interface: read BF BIE from interface: clear BF CLEAR TSFx: TIMESTAMP FLAG SET set timestamp flag, TSFx to interface: read TSFx TSIE from interface: clear TSFx CLEAR AF: ALARM FLAG SET set alarm flag, AF to interface: read AF AIE from interface: clear AF CLEAR WDTF: WATCHDOG TIMER FLAG SET WATCHDOG COUNTER to interface: read WDTF WD_CD[1:0] = 00 WD_CD[1:0] = 01 MCU loading watchdog counter CLEAR CDTF: COUNTDOWN TIMER FLAG SET COUNTDOWN COUNTER to interface: read CDTF CDTIE INT pin 0 1 WD_CD[1:0] = 01 from interface: clear CDTF CLEAR PULSE GENERATOR 2 TRIGGER CLEAR MSF: MINUTE SECOND FLAG SET MINUTES COUNTER SECONDS COUNTER to interface: read MSF SI/MI TI_TP 0 1 from interface: clear MSF CLEAR SI MI PULSE GENERATOR 1 TRIGGER CLEAR |