| データシートサーチシステム |
|
MCP4902-E/P データシート(PDF) 30 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4902-E/P データシート(HTML) 30 Page - Microchip Technology |
|
30 / 48 page ![]() MCP4902/4912/4922 DS22250A-page 30 2010 Microchip Technology Inc. 6.5 Bipolar Operation Bipolar operation is achievable using the MCP4902/ 4912/4922 family of devices by using an external operational amplifier (op amp). This configuration is desirable due to the wide variety and availability of op amps. This allows a general purpose DAC, with its cost and availability advantages, to meet almost any desired output voltage range, power and noise performance. Example 6-3 illustrates a simple bipolar voltage source configuration. R1 and R2 allow the gain to be selected, while R3 and R4 shift the DAC’s output to a selected offset. Note that R4 can be tied to VREF instead of VSS, if a higher offset is desired. Also note that a pull-up to VREF could be used instead of R4, if a higher offset is desired. EXAMPLE 6-3: DIGITALLY-CONTROLLED BIPOLAR VOLTAGE SOURCE 6.5.1 DESIGN EXAMPLE: DESIGN A BIPOLAR DAC USING EXAMPLE 6-3 WITH 12-BIT MCP4922 OR MCP4921 An output step magnitude of 1 mV with an output range of ±2.05V is desired for a particular application. The following steps show the details: Step 1: Calculate the range: +2.05V – (-2.05V) = 4.1V. Step 2: Calculate the resolution needed: 4.1V/1 mV = 4100 Since 212 = 4096, 12-bit resolution is desired. Step 3:The amplifier gain (R2/R1), multiplied by VREF, must be equal to the desired minimum output to achieve bipolar operation. Since any gain can be realized by choosing resistor values (R1+R2), the VREF source needs to be deter- mined first. If a VREF of 4.1V is used, solve for the gain by setting the DAC to 0, knowing that the output needs to be -2.05V. The equation can be simplified to: Step 4: Next, solve for R3 and R4 by setting the DAC to 4096, knowing that the output needs to be +2.05V. VREF VREF VDD SPI 3 VOUT R3 R4 2 R1 VIN+ 0.1 µF VCC+ VCC– VO VIN+ VOUTR4 R3 R4 + -------------------- = VO VIN+ 1 R2 R1 ------ + V DD R2 R1 ------ – = G = Gain selection (1x or 2x) Dn = Digital value of DAC (0-255) for MCP4901/MCP4902 VOUT VREF G Dn 2 N ------ = = Digital value of DAC (0-1023) for MCP4911/MCP4912 = Digital value of DAC (0-4095) for MCP4921/MCP4922 N = DAC Bit Resolution DAC MCP4901 MCP4911 MCP4921 (a) Single Output DAC: (b) Dual Output DAC: MCP4902 MCP4912 MCP4922 R2 – R1 --------- 2.05 – VREF ------------- 2.05 – 4.1 ------------- == If R1 = 20 k and R2 = 10 k, the gain will be 0.5. R2 R1 ------ 1 2 --- = R4 R3 R4 + ----------------------- 2.05V 0.5VREF + 1.5VREF ----------------------------------------- 2 3 --- == If R4 = 20 k, then R3 = 10 k |