| データシートサーチシステム |
|
MCP4902-E/P データシート(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4902-E/P データシート(HTML) 32 Page - Microchip Technology |
|
32 / 48 page ![]() MCP4902/4912/4922 DS22250A-page 32 2010 Microchip Technology Inc. 6.7 Designing a Double-Precision DAC Using a Dual DAC Example 6-5 illustrates how to design a single-supply voltage output capable of up to 24-bit resolution from a dual 12-bit DAC. This design is simply a voltage divider with a buffered output. As an example, if a application similar to the one developed in Section 6.5.1 “Design Example: Design a Bipolar DAC Using Example 6-3 with 12-bit MCP4922 or MCP4921” required a resolution of 1 µV instead of 1 mV and a range of 0V to 4.1V, then 12-bit resolution would not be adequate. Step 1: Calculate the resolution needed: 4.1V/1 µV = 4.1x106. Since 222 = 4.2x106, 22- bit resolution is desired. Since DNL = ±0.75 LSb, this design can be attempted with the MCP4922. Step 2: Since DACB’s VOUTB has a resolution of 1 mV, its output only needs to be “pulled” 1/1000 to meet the 1 µV target. Dividing VOUTA by 1000 would allow the application to compensate for DACB’s DNL error. Step 3: If R2 is 100, then R1 needs to be 100 k. Step 4:The resulting transfer function is not perfectly linear, as shown in the equation of Example 6-5. EXAMPLE 6-5: SIMPLE, DOUBLE-PRECISION DAC WITH MCP4922 VREF MCP4922 VDD R2 MCP4922 VDD R1 DACA (Fine Adjust) DACB (Course Adjust) SPI 3 R1 >> R2 VO VOUTAR2 VOUTBR1 + R1 R2 + ----------------------------------------------------- = G = Gain selection (1x or 2x) D = Digital value of DAC (0- 4096) 0.1 µF VCC+ VCC– VOUTA VREFAGA DA 2 12 ------- = VOUTB VREFBGB DB 2 12 ------- = VOUTA VOUTB VO |