| データシートサーチシステム |
|
MCP4902-E/P データシート(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4902-E/P データシート(HTML) 34 Page - Microchip Technology |
|
34 / 48 page ![]() MCP4902/4912/4922 DS22250A-page 34 2010 Microchip Technology Inc. 6.9 Using Multiplier Mode The MCP4902/4912/4922 family of devices use exter- nal reference, and these devices are ideally suited for use as a multiplier/divider in a signal chain. The common applications are: (a) Precision programmable gain/attenuator amplifiers and (b) Motor control feedback loop. The wide input range (0V – VDD) is in Unbuffered mode and near rail-to-rail range in Buffered mode: its bandwidth (> 400 kHz), selectable 1x/2x gain and low power consumption give maximum flexibility to meet the application’s needs. To configure the MCP4902/4912/4922 family of devices for multiple applications, connect the input sig- nal to VREF and serially configure the DAC’s input buf- fer, gain and output value. The DAC’s output can utilize any of Examples 6-1 to 6-6, depending on the applica- tion requirements. Example 6-7 is an illustration of how the DAC can operate in a motor control feedback loop. If the gain selection bit is configured for 1x mode (<GA>= 1), the resulting input signal will be attenuated by D/2n. With the 12-bit DAC (MCP4921 or MCP4922), if the gain is configured for 2x mode (<GA>= 0), the codes less than 2048 attenuate the signal, while the codes greater than 2048 gain the signal. A DAC provides significantly more gain/attenuation resolution when compared to typical Programmable Gain Amplifiers. Adding an op amp to buffer the output, as illustrated in Examples 6-2 to 6-6, extends the output range and power to meet the precise needs of the application. EXAMPLE 6-7: MULTIPLIER MODE USING VREF INPUT VCC+ VCC- VREF DAC VRPM + – VDD SPI 3 VOUT Rsense VRPM_SET Z FB MCP4901 MCP4911 MCP4921 (a) Single Output DAC: (b) Dual Output DAC: MCP4902 MCP4912 MCP4922 VOUT VREF G Dn 2 N ------ = |