データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTB データシート(PDF) 138 Page - List of Unclassifed Manufacturers

部品番号 EM357-RTB
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB データシート(HTML) 138 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 137Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 138Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 139Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 140Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 141Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 142Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 240 page
background image
EM351 / EM357
9.3.9.3
PWM Center-Aligned Mode
Center-aligned mode is active except when the TIM_CMS bits in the TIMx_CR1 register are 00 (all
configurations where TIM_CMS is non-zero have the same effect on the OCyREF/OCy signals). The compare flag
is set when the counter counts up, when it counts down, or when it counts up and down, depending on the
TIM_CMS bits configuration. The direction bit (TIM_DIR) in the TIMx_CR1 register is updated by hardware and
must not be changed by software. Refer to the Center-Aligned Mode (Up/Down Counting) section for more
information.
Figure 9-23 shows some center-aligned PWM waveforms in an example where:
TIMx_ARR = 8
PWM mode is the PWM mode 1
The output compare flag is set when the counter counts down corresponding to the center-aligned mode 1
selected for TIM_CMS = 01 in the TIMx_CR1 register
Figure 9-23. Center-Aligned PWM Waveforms (ARR = 8)
9-18
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More