| データシートサーチシステム |
|
EM357-RTB データシート(PDF) 63 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB データシート(HTML) 63 Page - List of Unclassifed Manufacturers |
|
63 / 240 page ![]() EM351 / EM357 GPIO_PxCLR GPIO_PACLR Port A Output Clear Register Address: 0x4000B014 Reset: 0x0 GPIO_PBCLR Port B Output Clear Register Address: 0x4000B414 Reset: 0x0 GPIO_PCCLR Port C Output Clear Register Address: 0x4000B814 Reset: 0x0 Substitute A, B, or C for x in the following detail description. 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 Px7 Px6 Px5 Px4 Px3 Px2 Px1 Px0 Bitname Bitfield Access Description Px7 [7] W Write 1 to clear the output data bit for Px7 (writing 0 has no effect). Px6 [6] W Write 1 to clear the output data bit for Px6 (writing 0 has no effect). Px5 [5] W Write 1 to clear the output data bit for Px5 (writing 0 has no effect). Px4 [4] W Write 1 to clear the output data bit for Px4 (writing 0 has no effect). Px3 [3] W Write 1 to clear the output data bit for Px3 (writing 0 has no effect). Px2 [2] W Write 1 to clear the output data bit for Px2 (writing 0 has no effect). Px1 [1] W Write 1 to clear the output data bit for Px1 (writing 0 has no effect). Px0 [0] W Write 1 to clear the output data bit for Px0 (writing 0 has no effect). 7-14 120-035X-000D Preliminary |