| データシートサーチシステム |
|
EM357-RTB データシート(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB データシート(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 240 page ![]() EM351 / EM357 1-4 120-035X-000D Preliminary Pin # Signal Direction Description SC2MOSI O SPI master data out of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[4] Enable master with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[3:0] SC2MOSI I SPI slave data in of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE PA1 I/O Digital I/O TIM2C3 (see also Pin 19) O Timer 2 channel 3 output Disable remap with TIM2_OR[6] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[7:4] TIM2C3 (see also Pin 19) I Timer 2 channel 3 input Disable remap with TIM2_OR[6] SC2SDA I/O TWI data of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[6] Select TWI with SC2_MODE Select alternate open-drain output function with GPIO_PACFGL[7:4] SC2MISO O SPI slave data out of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[6] Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE Select alternate output function with GPIO_PACFGL[7:4] 22 SC2MISO I SPI master data in of Serial Controller 2 Enable slave with SC2_SPICFG[4] Select SPI with SC2_MODE 23 VDD_PADS Power Pads supply (2.1-3.6 V) PA2 I/O Digital I/O TIM2C4 (see also Pin 20) O Timer 2 channel 4 output Disable remap with TIM2_OR[7] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[11:8] TIM2C4 (see also Pin 20) I Timer 2 channel 4 input Disable remap with TIM2_OR[7] 24 SC2SCL I/O TWI clock of Serial Controller 2 Either disable timer output in TIM2_CCER, or enable remap with TIM2_OR[7] Select TWI with SC2_MODE Select alternate open-drain output function with GPIO_PACFGL[11:8] |