データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM357-RTB データシート(PDF) 67 Page - List of Unclassifed Manufacturers

部品番号 EM357-RTB
部品情報  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB データシート(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 63Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 64Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 65Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 66Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 67Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 68Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 69Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 70Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 240 page
background image
EM351 / EM357
GPIO_IRQxSEL
GPIO_IRQCSEL
Interrupt C Select Register
Address: 0x4000BC14 Reset: 0xF
GPIO_IRQDSEL
Interrupt D Select Register
Address: 0x4000BC18 Reset: 0x10
Substitute C or D in the detailed description below.
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
0
0
0
SEL_GPIO
Bitname
Bitfield
Access
Description
SEL_GPIO
[4:0]
RW
Pin assigned to IRQx.
0x00: PA0.
0x01: PA1.
0x02: PA2.
0x03: PA3.
0x04: PA4.
0x05: PA5.
0x06: PA6.
0x07: PA7.
0x08: PB0.
0x09: PB1.
0x0A: PB2.
0x0B: PB3.
0x0C: PB4.
0x0D: PB5.
0x0E: PB6.
0x0F: PB7.
0x10: PC0.
0x11: PC1.
0x12: PC2.
0x13: PC3.
0x14: PC4.
0x15: PC5.
0x16: PC6.
0x17: PC7.
0x18 - 0x1F: Reserved.
7-18
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More