データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

68HC05CL16 データシート(PDF) 32 Page - Motorola, Inc

部品番号 68HC05CL16
部品情報  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 データシート(HTML) 32 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 28Page - Motorola, Inc 68HC05CL16 Datasheet HTML 29Page - Motorola, Inc 68HC05CL16 Datasheet HTML 30Page - Motorola, Inc 68HC05CL16 Datasheet HTML 31Page - Motorola, Inc 68HC05CL16 Datasheet HTML 32Page - Motorola, Inc 68HC05CL16 Datasheet HTML 33Page - Motorola, Inc 68HC05CL16 Datasheet HTML 34Page - Motorola, Inc 68HC05CL16 Datasheet HTML 35Page - Motorola, Inc 68HC05CL16 Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CPU
MC68HC05CL48
3-4
REV 2.0
to the state of the flag.
3.1.5.4
Zero Bit (Z-Bit)
The zero bit is set when the result of the last arithmetic operation, logical
operation, data manipulation, or data load operation was zero.
3.1.5.5
Carry/Borrow Bit (C-Bit)
The carry/borrow bit is set when a carry out of bit 7 of the accumulator occurred
during the last arithmetic operation, logical operation, or data manipulation. The
carry/borrow bit is also set or cleared during bit test and branch instructions and
during shifts and rotates. This bit is not set by an INC or DEC instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More