| データシートサーチシステム |
|
68HC05CL16 データシート(PDF) 60 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL16 データシート(HTML) 60 Page - Motorola, Inc |
|
60 / 145 page ![]() GENERAL RELEASE SPECIFICATION June 11, 1997 MOTOROLA TIMER MC68HC05CL48 8-8 REV 2.0 Figure 8-4. Timer State Timing Diagram For Output Compare 8.1.3 Input Capture Registers 8.1.3.1 Input Capture Register 1 76543210 IC1H $0013 READ IC1:15 IC1:14 IC1:13 IC1:12 IC1:11 IC1:10 IC1:9 IC1:8 WRITE RESET UUUUUUUU Internal Processor Clock Internal Timer Clocks T00 T01 T10 T11 Counter (16 bit) Compare Register Latch $FFEB $FFEC $FFED $FFEE 1. The CPU writes to the Compare Register may take place at any time, but a compare $FFEF Compare Register CPU writes $FFED $FFED 1 Output Compare Flag (OCF) 2 3 2. Internal compare takes place during timer state T01. 3. OCF is set at the timer state T11 which follows the comparison match ($FFED in this only occurs at timer state T01. Thus, a 4-cycle different may exist between the write to the Compare Register and the actual compare. example). |