| データシートサーチシステム |
|
68HC05CL16 データシート(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL16 データシート(HTML) 5 Page - Motorola, Inc |
|
5 / 145 page ![]() June 11, 1997 GENERAL RELEASE SPECIFICATION MC68HC05CL48 MOTOROLA REV 2.0 iii TABLE OF CONTENTS Section Page SECTION 8 TIMER 8.1 16-BIT FREE-RUNNING TIMER...................................................................... 8-1 8.1.1 Counter ........................................................................................................ 8-3 8.1.2 Output Compare Registers .......................................................................... 8-5 8.1.3 Input Capture Registers............................................................................... 8-8 8.1.4 Timer Control Register (TCR).................................................................... 8-11 8.1.5 Timer Status Register (TSR) ..................................................................... 8-12 8.1.6 Timer Pin Configuration Register (TIMCONF)........................................... 8-14 8.1.7 Operation During Low Power Mode........................................................... 8-14 8.2 CORE TIMER................................................................................................. 8-14 8.2.1 Computer Operating Properly (COP) Watchdog reset .............................. 8-16 8.2.2 Ctimer Control and Status Register (CTCSR) ........................................... 8-16 8.2.3 Ctimer Counter Register (CTCR)............................................................... 8-17 8.2.4 Operation During Low Power Mode........................................................... 8-18 8.3 ONE SECOND WATCH TIMER..................................................................... 8-19 8.3.1 Watch Timer Control & Status Register (WTCSR) .................................... 8-20 SECTION 9 SERIAL PERIPHERAL INTERFACE 9.1 SIGNAL DESCRIPTION .................................................................................. 9-1 9.1.1 MISO Master In Slave Out........................................................................... 9-1 9.1.2 MOSI Serial Data In (Input) ......................................................................... 9-2 9.1.3 SCK Serial Clock (In/Out) ............................................................................ 9-2 9.1.4 SS SLAVE SELECT (INPUT) ...................................................................... 9-3 9.2 SPI REGISTERS.............................................................................................. 9-3 9.2.1 SPCR SPI Control Register ......................................................................... 9-4 9.2.2 SPSR SPI Status Register........................................................................... 9-6 9.2.3 SPDR SPI Data Register ............................................................................. 9-6 SECTION 10 ANALOG TO DIGITAL CONVERTER 10.1 ANALOG SECTION ....................................................................................... 10-1 10.1.1 Ratiometric Conversion ............................................................................. 10-1 10.1.2 VRH and VRL........................................................................................................................10-1 10.1.3 Accuracy And Precision............................................................................. 10-1 10.2 CONVERSION PROCESS ............................................................................ 10-1 10.3 DIGITAL SECTION ........................................................................................ 10-2 10.3.1 Conversion Time........................................................................................ 10-2 10.3.2 Multi-Channel Operation............................................................................ 10-2 10.4 A/D STATUS AND CONTROL REGISTER (ADCSR) ................................... 10-2 10.4.1 COCO - Conversions Complete ................................................................ 10-2 |