| データシートサーチシステム |
|
68HC05CL16 データシート(PDF) 103 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL16 データシート(HTML) 103 Page - Motorola, Inc |
|
103 / 145 page ![]() June 11, 1997 GENERAL RELEASE SPECIFICATION MC68HC05CL48 LCD DRIVER MOTOROLA REV 2.0 12-7 12.3 LCD VOLTAGE GENERATION Figure 12-4 shows the resistive divider chain network that is used to produce the various LCD waveforms outlined in the previous section. The LCD system can be disabled by setting the DISON bit to 0. The voltage levels of the LCD driver waveforms and hence the contrast of the LCD can be altered by selecting appropriate resistors by setting the corresponding values to the CC0 to CC3 bits in the LCDCTR register. Figure 12-4. Voltage Generator V4 V3 DISON RL4 RL3 RL2 VLCD V1 V5 CC1 CC2 CC3 RC1 RC2 RC3 V2 RL5 RL1 V0 External Caps BIAS5 CC0 RC0 |