データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

68HC05CL16 データシート(PDF) 113 Page - Motorola, Inc

部品番号 68HC05CL16
部品情報  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 データシート(HTML) 113 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 109Page - Motorola, Inc 68HC05CL16 Datasheet HTML 110Page - Motorola, Inc 68HC05CL16 Datasheet HTML 111Page - Motorola, Inc 68HC05CL16 Datasheet HTML 112Page - Motorola, Inc 68HC05CL16 Datasheet HTML 113Page - Motorola, Inc 68HC05CL16 Datasheet HTML 114Page - Motorola, Inc 68HC05CL16 Datasheet HTML 115Page - Motorola, Inc 68HC05CL16 Datasheet HTML 116Page - Motorola, Inc 68HC05CL16 Datasheet HTML 117Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INSTRUCTION SET
MOTOROLA
REV 2.0
14-3
14.1.8 Relative
Relative addressing is only for branch instructions. If the branch condition is true,
the CPU finds the conditional branch destination by adding the signed byte follow-
ing the opcode to the contents of the program counter. If the branch condition is
not true, the CPU goes to the next instruction. The offset is a signed, two’s com-
plement byte that gives a branching range of –128 to +127 bytes from the address
of the next location after the branch instruction.
When using the Motorola assembler, the programmer does not need to calculate
the offset, because the assembler determines the proper offset and verifies that it
is within the span of the branch.
14.1.9 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More