データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

68HC05CL16 データシート(PDF) 144 Page - Motorola, Inc

部品番号 68HC05CL16
部品情報  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 データシート(HTML) 144 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 137Page - Motorola, Inc 68HC05CL16 Datasheet HTML 138Page - Motorola, Inc 68HC05CL16 Datasheet HTML 139Page - Motorola, Inc 68HC05CL16 Datasheet HTML 140Page - Motorola, Inc 68HC05CL16 Datasheet HTML 141Page - Motorola, Inc 68HC05CL16 Datasheet HTML 142Page - Motorola, Inc 68HC05CL16 Datasheet HTML 143Page - Motorola, Inc 68HC05CL16 Datasheet HTML 144Page - Motorola, Inc 68HC05CL16 Datasheet HTML 145Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 144 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
MC68HC05CL48
C-4
REV 2.0
CAUTION
It is important to remember that an external programming voltage
must be applied to the VPP pin while programming, but it should be
equal to VDD during normal operations.
Figure C-2 shows the flow required to successfully program the EPROM.
Figure C-2. EPROM Programming Sequence
START
ELAT=1
Write EPROM byte
EPGM=1
Wait 1ms
EPGM=0
ELAT=0
Write
additional
byte?
Y
N
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More