データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF2488 データシート(PDF) 4 Page - RF Micro Devices

部品番号 RF2488
部品情報  MULTI-MODE DUAL-BAND LNA MIXER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2488 データシート(HTML) 4 Page - RF Micro Devices

  RF2488 Datasheet HTML 1Page - RF Micro Devices RF2488 Datasheet HTML 2Page - RF Micro Devices RF2488 Datasheet HTML 3Page - RF Micro Devices RF2488 Datasheet HTML 4Page - RF Micro Devices RF2488 Datasheet HTML 5Page - RF Micro Devices RF2488 Datasheet HTML 6Page - RF Micro Devices RF2488 Datasheet HTML 7Page - RF Micro Devices RF2488 Datasheet HTML 8Page - RF Micro Devices RF2488 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Preliminary
8-126
RF2488
Rev A0 010905
8
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Band Cascaded
Electrical Specification
TAMB=25°C, VCC=3V, IF=135MHz.
Assumes 3dB loss for image filter.
Gain
22
24
26
dB
High Gain, GAIN SEL=High
-2
0
2
dB
Low Gain, GAIN SEL= Low
Gain Variations versus
Temperature
+1.5
dB
Noise Figure
2.6
3.0
dB
High Gain, GAIN SEL=High
20
25
dB
Low Gain, GAIN SEL= Low
Input 3rd Order Intercept
-10
-8
dBm
High Gain, GAIN SEL=High
16
18
dBm
Low Gain, GAIN SEL= Low
Return Loss
10
dB
LNA Input- External Match, GAIN SEL= High
10
dB
LNA Input- External Match, GAIN SEL= Low
10
dB
Mixer RF Input
10
dB
Mixer LO Input
Isolation
50
dB
LO IN to LNA IN, GAIN SEL=High
50
dB
LO IN to LNA IN, GAIN SEL=Low
40
45
dB
LNA Out to Mixer RF In
>50
dB
LO In to IF Out
>60
dB
Mixer RF In to IF Out
Half IF Spur
-68
-60
dBc
IF Output Impedance
500
Mixer “ON”
Supply Current
22
24
mA
High Gain, GAIN SEL=High
18
22
mA
Low Gain, GAIN SEL= Low
Logic Levels
Input Low
0.5
V
VCC=2.7V to 2.9V
Input High
2.0
V
VCC=2.7V to 2.9V
Input Current
10
100
µA
Input Impedance
2
20
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com