| データシートサーチシステム |
|
GPRS データシート(PDF) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPRS データシート(HTML) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
7 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 7 off by itself and begin to search the position. One minute later, no matter whether it has fixed position, the device will send back a message. If the device hasn’t fixed position, it will keep searching for 4 minutes. During those 4 minutes, the device will send message back if it has fixed position. If not, it will not send message back. b.Send SMS “at30sum0” to the device. You will get messages every 30 seconds. (The data sent back to you every time may be a little different, but it is ok, some error is permitted.) Cancel this function, please Send SMS “noat+password” to delete the auto track. For example password is 123456: Send SMS “noat123456”. 5. 5. 2 Test the device by GPRS Online platform: For example, send the following SMS to set track platform. 1. Send SMS: apn123456+space+apn code to the device No. The device will reply SMS ‘Set APN ok’. (Please note, different countries with different apn codes) 2. Send SMS: number13412345678 to the device No. the track platform number would be have 11 digits. It will reply ‘set number ok’. (Please note, 13412345678 is SIM number you put in device) 3. Send SMS: IP119.147.23.100PORT2332 to the device No. The device will reply ‘set IP address and PORT ok’. (Please note, 119.147.23.100 is the IP of your own server, 2332 is the port of your own server) 4. Send SMS: web123456 to the device No., the device will reply ‘set web ok 5. Send interval SMS: at30sum0 to the device No. The device will reply |