| データシートサーチシステム |
|
GPRS データシート(PDF) 8 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPRS データシート(HTML) 8 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
8 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 8 "Auto track set ok.” ‘AT30SUM0’ means device replies the location intervals every 30 seconds. (Please note, 0 means detail times) 5. 5. 3 Monitor the voice of the device. Send SMS: monitor123456 to the device No. The device reply ‘monitor ok’, then you can monitor the voice. Attention: In the model of Monitor, you can not get the location by call it, but you can send ‘position’ to get the location. 5.6 Change password Send SMS “password + old password + space + new password” to change the password. Password only has SIX digits in all. For example password is 123456: Send SMS:’Password123456 168168’ Remark: Be sure to keep the new password in mind, if you forget your password, you can send SMS ‘resumepassword’ to resume the default password. 5.7 Authorization There are only 4 numbers able to be authorized. a. Call the tracker for 10 times, it will make the cell phone number as the authorized number automatically. You will receive SMS ‘you are administrator’ b. Send SMS ‘admin+password+space+cell phone number’ to set up an authorized number. The other authorized numbers should be set by the first authorized number. If the number is successfully authorized, the device will reply “admin ok!” in SMS. For example password is 123456: Send SMS:’admin123456 13642345678’ c. Send SMS ‘noadmin+password+space+authorized’ number to delete the |