| データシートサーチシステム |
|
GPRS データシート(PDF) 15 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
|
|||||||||||||||||||||||||||||
GPRS データシート(HTML) 15 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. |
|
15 / 15 page ![]() Shenzhen KYL Communication Equipment Co., Ltd www.rf-data.com Fax: 86-755-83408785 sales02@rf-data.com 15 7 Faults & The solutions Faults Solution Startup Fail Check the battery and see if it is fully charged or correctly installed. Hangup Fail In existence of an authorized number, an unauthorized Number dials up the device. Please initialize the device and re-set up the authorized numbers. Monitor Fail Check if the authorized number is setup or in the coverage of signals. Location report in digits of zeros. Don’t use it in the place beyond reach of signals. Place the device outdoors, especially when starting it up. |