データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95128-RMB3P/PC データシート(PDF) 9 Page - STMicroelectronics

部品番号 M95128-RMB3P/PC
部品情報  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB3P/PC データシート(HTML) 9 Page - STMicroelectronics

Back Button M95128-RMB3P/PC Datasheet HTML 5Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 6Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 7Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 8Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 9Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 10Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 11Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 12Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
M95128, M95128-W, M95128-R
Signal description
Doc ID 5798 Rev 13
9/44
3
Signal description
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
3.1
Serial Data output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
3.2
Serial Data input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be written. Values are latched on the rising edge of Serial Clock
(C).
3.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
3.4
Chip Select (S)
When this input signal is high, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal write cycle is in progress, the device will be in the Standby
Power mode. Driving Chip Select (S) low selects the device, placing it in the Active Power
mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
3.5
Hold (HOLD)
The Hold (HOLD) signal is used to pause any serial communications with the device without
deselecting the device.
During the Hold condition, the Serial Data Output (Q) is high impedance, and Serial Data
Input (D) and Serial Clock (C) are Don’t Care.
To start the Hold condition, the device must be selected, with Chip Select (S) driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44