データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95128-RMB3P/PC データシート(PDF) 39 Page - STMicroelectronics

部品番号 M95128-RMB3P/PC
部品情報  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB3P/PC データシート(HTML) 39 Page - STMicroelectronics

Back Button M95128-RMB3P/PC Datasheet HTML 35Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 36Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 37Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 38Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 39Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 40Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 41Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 42Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
M95128, M95128-W, M95128-R
Part numbering
Doc ID 5798 Rev 13
39/44
11
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 23.
Ordering information scheme
Example:
M95128
–
W MN 6
T
P
/P
Device type
M95 = SPI serial access EEPROM
Device function
128 = 128 Kbit (16384 x 8)
Operating voltage
blank = VCC = 4.5 to 5.5 V
W = VCC = 2.5 to 5.5 V
R = VCC = 1.8 to 5.5 V
Package
MN = SO8 (150 mils width)
DW = TSSOP8 (169 mils width)
MB = UFDFPN8 (MLP8 2 × 3 mm)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3 = Device tested with high reliability certified flow(1)
Automotive temperature range (–40 to 125 °C)
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The High Reliability Certified Flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a co.
Option
blank = Standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK2® (RoHs compliant and Halogen-free)
Process(2)
2.
The Process letter /P applies only to Grade 3 devices.
/P or /PC = DP26% Chartered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44