| データシートサーチシステム |
|
M95128-RMB3P/PC データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-RMB3P/PC データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 44 page ![]() Instructions M95128, M95128-W, M95128-R 16/44 Doc ID 5798 Rev 13 5.3 Read Status Register (RDSR) The Read Status Register (RDSR) instruction allows the Status Register to be read. The Status Register may be read at any time, even while a Write or Write Status Register cycle is in progress. When one of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending a new instruction to the device. It is also possible to read the Status Register continuously, as shown in Figure 7. The status and control bits of the Status Register are as follows: 5.3.1 WIP bit The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register cycle. When set to 1, such a cycle is in progress, when reset to 0 no such cycle is in progress. 5.3.2 WEL bit The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write or Write Status Register instruction is accepted. 5.3.3 BP1, BP0 bits The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software protected against Write instructions. These bits are written with the Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0) bits is set to 1, the relevant memory area (as defined in Table 4) becomes protected against Write (WRITE) instructions. The Block Protect (BP1, BP0) bits can be written provided that the Hardware Protected mode has not been set. 5.3.4 SRWD bit The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write Protect (W) signal. The Status Register Write Disable (SRWD) bit and Write Protect (W) signal allow the device to be put in the Hardware Protected mode (when the Status Register Write Disable (SRWD) bit is set to 1, and Write Protect (W) is driven low). In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits and the Write Status Register (WRSR) instruction is no longer accepted for execution. Table 4. Status Register format b7 b0 SRWD 0 0 0 BP1 BP0 WEL WIP Status Register Write Protect Block Protect bits Write Enable Latch bit Write In Progress bit |