| データシートサーチシステム |
|
IXP45X データシート(PDF) 77 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X データシート(HTML) 77 Page - Intel Corporation |
|
77 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors August 2006 Datasheet Document Number: 306261-004US 77 Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors 4.3 Signal-Pin Descriptions When designing with a multifunction processor, sometimes a board design may be built to allow a group of products to be produced from a single board design. When this occurs, some features of a given processor may not be used. The Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Hardware Design Guidelines gives the system designer a guide to determine how the signals must be conditioned and how the part behaves under given configurations. Table 26. Processors’ Ball Map Assignments (Sheet 1 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 A1 VSS X X X A2 VSS X X X A3 DDRI_CB[0] X X A4 DDRI_CK_N[1] X X X A5 DDRI_DM[3] X X X A6 DDRI_DQ[30] X X X A7 DDRI_DQ[26] X X X A8 DDRI_DQ[25] X X X A9 DDRI_DQ[22] X X X A10 DDRI_DQ[18] X X X A11 DDRI_MA[4] X X X A12 VSS X X X A13 DDRI_MA[0] X X X A14 DDRI_MA[8] X X X A15 DDRI_BA[1] X X X A16 VCCM X X X A17 DDRI_CS_N[1] X X X A18 DDRI_CAS_N X X X A19 DDRI_DM[1] X X X A20 DDRI_DQ[13] X X X A21 DDRI_DQ[11] X X X A22 DDRI_DM[0] X X X A23 DDRI_DQ[6] X X X A24 VCCM X X X A25 VSS X X X A26 VSS X X X Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |