データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXP45X データシート(PDF) 44 Page - Intel Corporation

部品番号 IXP45X
部品情報  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

IXP45X データシート(HTML) 44 Page - Intel Corporation

Back Button IXP45X Datasheet HTML 40Page - Intel Corporation IXP45X Datasheet HTML 41Page - Intel Corporation IXP45X Datasheet HTML 42Page - Intel Corporation IXP45X Datasheet HTML 43Page - Intel Corporation IXP45X Datasheet HTML 44Page - Intel Corporation IXP45X Datasheet HTML 45Page - Intel Corporation IXP45X Datasheet HTML 46Page - Intel Corporation IXP45X Datasheet HTML 47Page - Intel Corporation IXP45X Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
44
Document Number: 306261-004US
A signal called active high specifies that the interface is active when driven to a logic 1
and inactive when driven to a logic 0.
A signal called active low specifies that the interface is active when driven to a logic 0
and inactive when driven to a logic 1.
The following information attempts to explain how to interpret the tables. There are
five vertical columns:
• Power On Reset Active - This is when the Power on Reset signal is driven to logic 0.
When this happens the part will behave as described in this column irrelevant of the
settings on other signals.
• Reset Active - When Power on Reset is driven to a logic 1 and Reset is driven to a
logic 0, the part will exhibit this behavior.
• Normal After Reset Until Software Enables - This is sometimes called safe mode.
The intent of this is to allow the interface to be brought out of reset to a state,
which will not cause any protocol violations or any damage to the parts prior to
being enabled via software. This state will occur when both Power on Reset and
Reset are driven to a logic 1.
• Possible Configurations after Software Enables - This state describes the way that
the part is capable of behaving with appropriate software written. This state will
occur when both Power on Reset and Reset are driven to a logic 1.
Table 9.
Processors’ Signal Interface Summary Table
Reference
Table 10, “DDR SDRAM Interface” on page 45
Table 11, “PCI Controller” on page 46
Table 12, “High-Speed, Serial Interface 0” on page 50
Table 13, “High-Speed, Serial Interface 1” on page 51
Table 14, “UTOPIA Level 2/MII_A/ SMII Interface” on page 53
Table 15, “MII/SMII Interfaces” on page 59
Table 16, “Expansion Bus Interface” on page 66
Table 17, “UART Interfaces” on page 69
Table 18, “Serial Peripheral Port Interface” on page 70
Table 19, “I2C Interface” on page 70
Table 20, “USB Host/Device Interfaces” on page 71
Table 21, “Oscillator Interface” on page 72
Table 22, “GPIO Interface” on page 73
Table 23, “JTAG Interface” on page 73
Table 24, “System Interface” on page 74
Table 25, “Power Interface” on page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More