| データシートサーチシステム |
|
IXP45X データシート(PDF) 94 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X データシート(HTML) 94 Page - Intel Corporation |
|
94 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 94 Document Number: 306261-004US V1 HSS_RXFRAME1 X X V2 HSS_RXDATA1 X X V3 HSS_RXCLK1 X X V4 ETHC_TXDATA[1] XXX V5 ETHC_RXDATA[3] X X X V6 VCC XXX V7 VCC XXX V8 V9 V10 V11 V12 V13 V14 V15 V16 V17 V18 V19 V20 VCC XXX V21 EX_DATA[25] X X X V22 VSS XXX V23 EX_DATA[6] X X X V24 EX_DATA[8] X X X V25 EX_DATA[10] X X X V26 EX_DATA[19] X X X Table 26. Processors’ Ball Map Assignments (Sheet 18 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |