| データシートサーチシステム |
|
IXP45X データシート(PDF) 142 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP45X データシート(HTML) 142 Page - Intel Corporation |
|
142 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 142 Document Number: 306261-004US 5.6.2.10 High-Speed, Serial Interfaces Figure 46. High-Speed, Serial Timings A9594-01 hss_txclk/ hss_rxclk1 hss_(tx or rx)frame (Positive edge) hss_(tx or rx)frame (Negative edge) hss_ rxdata (Positive edge) As Inputs: Valid Data hss_ rxdata (Negative edge) hss_(tx or rx)frame (Positive edge) hss_(tx or rx)frame (Negative edge) hss_ txdata (Positive edge) hss_ txdata (Negative edge) As Outputs: Valid Data T1 T3 T4 Valid Data Valid Data T6 T5 T7 T8 T2 T9 |