| データシートサーチシステム |
|
IXP46X データシート(PDF) 84 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP46X データシート(HTML) 84 Page - Intel Corporation |
|
84 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet August 2006 84 Document Number: 306261-004US H1 VCCP XXX H2 PCI_AD[17] X X X H3 VSS XXX H4 PCI_AD[24] X X X H5 PCI_AD[29] X X X H6 PCI_REQ_N[2] XXX H7 PCI_SERR_N X X X H8 H9 H10 H11 H12 H13 H14 H15 H16 H17 H18 H19 H20 USB_DNEG XXX H21 USB_HNEG XXX H22 EX_CS_N[7] X X X H23 EX_GNT_N[3] X X X H24 EX_ADDR[23] X X X H25 EX_ADDR[21] X X X H26 EX_ADDR[17] X X X Table 26. Processors’ Ball Map Assignments (Sheet 8 of 26) Ball Signal Name Processor Number Pin Configurations Intel® IXP465 Intel® IXP460 Intel® IXP455 Note: Interfaces not being utilized at a system level may require external pull-up or pull-down resistors. For specific details and requirements, see Section 4.2, “Functional Signal Definitions” on page 43. Note: Pin Configuration is set by the Expansion bus configuration when Reset is deasserted. Note: Blank field indicates no physical ball on package. |