データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXP46X データシート(PDF) 47 Page - Intel Corporation

部品番号 IXP46X
部品情報  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X データシート(HTML) 47 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 43Page - Intel Corporation IXP46X Datasheet HTML 44Page - Intel Corporation IXP46X Datasheet HTML 45Page - Intel Corporation IXP46X Datasheet HTML 46Page - Intel Corporation IXP46X Datasheet HTML 47Page - Intel Corporation IXP46X Datasheet HTML 48Page - Intel Corporation IXP46X Datasheet HTML 49Page - Intel Corporation IXP46X Datasheet HTML 50Page - Intel Corporation IXP46X Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
47
Document Number: 306261-004US
PCI_PAR
Z
Z
VB
VB
I/O
PCI Parity used to check parity across the 32 bits of PCI_AD and the four bits of PCI_CBE_N.
When this interface/signal is enabled and is not being used in a system design, the interface/signal
should be pulled high with a 10-KΩ resistor. When this interface is disabled via the PCI soft fuse
(refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of
Network Processors Developer’s Manual) and is not being used in a system design, this interface/
signal is not required for any connection.
PCI_FRAME_N
Z
Z
VB
VB
I/O
PCI Cycle Frame used to signify the beginning and duration of a transaction. The signal will be
inactive prior to or during the final data phase of a given transaction.
When this interface/signal is enabled and is not being used in a system design, the interface/signal
should be pulled high with a 10-KΩ resistor. When this interface is disabled via the PCI soft fuse
(refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of
Network Processors Developer’s Manual) and is not being used in a system design, this interface/
signal is not required for any connection.
PCI_TRDY_N
Z
Z
VB
VB
I/O
PCI Target Ready informs that the target of the PCI bus is ready to complete the current data phase
of a given transaction.
When this interface/signal is enabled and is not being used in a system design, the interface/signal
should be pulled high with a 10-KΩ resistor. When this interface is disabled via the PCI soft fuse
(refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of
Network Processors Developer’s Manual) and is not being used in a system design, this interface/
signal is not required for any connection.
PCI_IRDY_N
Z
Z
VB
VB
I/O
PCI Initiator Ready informs the PCI bus that the initiator is ready to complete the transaction.
When this interface/signal is enabled and is not being used in a system design, the interface/signal
should be pulled high with a 10-KΩ resistor. When this interface is disabled via the PCI soft fuse
(refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of
Network Processors Developer’s Manual) and is not being used in a system design, this interface/
signal is not required for any connection.
PCI_STOP_N
Z
Z
VB
VB
I/O
PCI Stop indicates that the current target is requesting the current initiator to stop the current
transaction.
When this interface/signal is enabled and is not being used in a system design, the interface/signal
should be pulled high with a 10-KΩ resistor. When this interface is disabled via the PCI soft fuse
(refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of
Network Processors Developer’s Manual) and is not being used in a system design, this interface/
signal is not required for any connection.
Table 11.
PCI Controller (Sheet 2 of 4)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More